Part Number Hot Search : 
2EZ33D5 DG506A 07000 0805KYCT 1N991B SPL840PT 74ALVC16 144EE
Product Description
Full Text Search
 

To Download 2SC3851 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3851 2SC3851A
DESCRIPTION *With TO-220F package *Complement to type 2SA1488/1488A APPLICATIONS *Audio and PPC high voltage power supply ,and general purpose
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL PARAMETER 2SC3851 VCBO Collector-base voltage 2SC3851A 2SC3851 VCEO Collector-emitter voltage 2SC3851A VEBO IC IB PC Tj Tstg Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature TC=25 Open collector Open base 80 6 4 1 25 150 -55~150 V A A W Open emitter 100 60 V CONDITIONS VALUE 80 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SC3851 IC=25mA ; IB=0 2SC3851A IC=2.0A;IB=0.2A VCB=80V;IE=0 VCB=100V;IE=0 VEB=6V; IC=0 IC=1A ; VCE=4V IC=0.2A ; VCE=12V IE=0 ; VCB=10V;f=1MHz CONDITIONS SYMBOL
2SC3851 2SC3851A
MIN 60
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V 80 0.5 0.1 0.1 0.1 40 15 60 320 MHz pF V mA mA mA
VCEsat
Collector-emitter saturation voltage 2SC3851 2SC3851A
ICBO
Collector cut-off current
IEBO hFE fT COB
Emitter cut-off current DC current gain Transition frequency Output capacitance
Switching time ton ts tf Turn-on time Storage time Fall time IC=2.0A IB1=-IB2=0.2A VCC=12V ,RL=6A 0.20 1.00 0.30 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3851 2SC3851A
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3851 2SC3851A
4


▲Up To Search▲   

 
Price & Availability of 2SC3851

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X